Part Number Hot Search : 
78L05 UPC2900 LBA025M2 1N5243B TUA1574 16360 HVD132 5S211
Product Description
Full Text Search
 

To Download MC74HC139A05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74HC139A Dual 1-of-4 Decoder/ Demultiplexer
High-Performance Silicon-Gate CMOS
The MC74HC139A is identical in pinout to the LS139. The device inputs are compatible with standard CMOS outputs; with pull-up resistors, they are compatible with LSTTL outputs. This device consists of two independent 1-of-4 decoders, each of which decodes a two-bit Address to one-of-four active-low outputs. Active-low Selects are provided to facilitate the demultiplexing and cascading functions. The demultiplexing function is accomplished by using the Address inputs to select the desired device output, and utilizing the Select as a data input.
Features http://onsemi.com MARKING DIAGRAMS
16 16 1 PDIP-16 N SUFFIX CASE 648 1 16 16 1 SOIC-16 D SUFFIX CASE 751B 1 16 16 1 TSSOP-16 DT SUFFIX CASE 948F 1 16 16 1 SOEIAJ-16 F SUFFIX CASE 966 1 74HC139A ALYWG HC 139A ALYWG G HC139AG AWLYWW MC74HC139AN AWLYYWWG
* * * * * * * *
Output Drive Capability: 10 LSTTL Loads Outputs Directly Interface to CMOS, NMOS and TTL Operating Voltage Range: 2.0 to 6.0 V Low Input Current: 1.0 mA High Noise Immunity Characteristic of CMOS Devices In Compliance with the Requirements Defined by JEDEC Standard No. 7A Chip Complexity: 100 FETs or 25 Equivalent Gates Pb-Free Packages are Available*
A = Assembly Location L, WL = Wafer Lot Y, YY = Year W, WW = Work Week G = Pb-Free Package G = Pb-Free Package (Note: Microdot may be in either location)
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2005
1
June, 2005 - Rev. 9
Publication Order Number: MC74HC139A/D
MC74HC139A
ADDRESS INPUTS VCC SELECTb A0b A1b Y0b Y1b Y2b Y3b SELECTa ADDRESS INPUTS A0b A1b 1 14 13 12 11 10 9 A0a A1a 2 3 4 5 6 7 Y0a Y1a Y2a Y3a PIN 16 = VCC PIN 8 = GND Y0b Y1b Y2b Y3b ACTIVE-LOW OUTPUTS ACTIVE-LOW OUTPUTS
SELECTa A0a A1a Y0a Y1a Y2a Y3a GND
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
Figure 1. Pin Assignment
SELECTb 15
Figure 2. Logic Diagram FUNCTION TABLE
Inputs Select H L L L L A1 X L L H H A0 X L H L H Y0 H L H H H Outputs Y1 Y2 H H L H H H H H L H Y3 H H H H L
X = don't care
ORDERING INFORMATION
Device MC74HC139AN MC74HC139ANG MC74HC139AD MC74HC139ADG MC74HC139ADR2 MC74HC139ADR2G MC74HC139ADTR2 MC74HC139ADTR2G MC74HC139AFEL MC74HC139AFELG Package PDIP-16 PDIP-16 (Pb-Free) SOIC-16 SOIC-16 (Pb-Free) SOIC-16 SOIC-16 (Pb-Free) TSSOP-16* TSSOP-16* SOEIAJ-16 SOEIAJ-16 (Pb-Free) Shipping 2000 Units / Box 2000 Units / Box 48 Units / Rail 48 Units / Rail 2500 Units / Reel 2500 Units / Reel 2500 Units / Reel 2500 Units / Reel 2000 Units / Reel 2000 Units / Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free.
http://onsemi.com
2
MC74HC139A
MAXIMUM RATINGS
Symbol VCC VIN VOUT IIN IOUT ICC IGND TSTG TL TJ qJA DC Supply Voltage DC Input Voltage DC Output Voltage DC Input Current, per Pin DC Output Current, per Pin DC Supply Current, VCC Pin DC Ground Current per Ground Pin Storage Temperature Range Lead Temperature, 1 mm from Case for 10 Seconds Junction Temperature Under Bias Thermal Resistance PDIP SOIC TSSOP PDIP SOIC TSSOP Parameter (Referenced to GND) (Referenced to GND) (Referenced to GND) (Note 1) Value *0.5 to )7.0 *1.5 to VCC )1.5 *0.5 to VCC $20 $25 $50 $50 *65 to )150 260 )150 78 112 148 750 500 450 Level 1 Oxygen Index: 30% - 35% Human Body Model (Note 2) Machine Model (Note 3) Charged Device Model (Note 4) Above VCC and Below GND at 85_C (Note 5) UL 94 V-0 @ 0.125 in u2000 u200 u1000 $300 V )0.5 Unit V V V mA mA mA mA _C _C _C _C/W
PD
Power Dissipation in Still Air at 85_C
mW
MSL FR VESD
Moisture Sensitivity Flammability Rating ESD Withstand Voltage
ILATCHUP
Latchup Performance
mA
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. IO absolute maximum rating must be observed. 2. Tested to EIA/JESD22-A114-A. 3. Tested to EIA/JESD22-A115-A. 4. Tested to JESD22-C101-A. 5. Tested to EIA/JESD78. 6. For high frequency or heavy load considerations, see Chapter 2the ON Semiconductor High-Speed CMOS Data Book (DL129/D).
RECOMMENDED OPERATING CONDITIONS
Symbol VCC DC Supply Voltage Parameter (Referenced to GND) Min 2.0 0 Max 6.0 Unit V V
II I I I I I IIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I III IIIIII II I III I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I IIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIII I
VIN, VOUT TA DC Input Voltage, Output Voltage (Referenced to GND) VCC Operating Temperature, All Package Types *55 0 0 0 )125 1000 500 400 _C ns tr, tf Input Rise and Fall Time (Figure 3) VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V 7. Unused inputs may not be left open. All inputs must be tied to a high-logic voltage level or a low-logic input voltage level.
http://onsemi.com
3
MC74HC139A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC Symbol VIH Parameter Minimum High-Level Input Voltage Test Conditions VOUT = 0.1 V or VCC *0.1 V |IOUT| v 20 mA VOUT = 0.1 V or VCC *0.1 V |IOUT| v 20 mA VIN = VIH or VIL |IOUT| v 20 mA VIN = VIH or VIL VIN = VIH or VIL |IOUT| v 20 mA VIN = VIH or VIL V 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 6.0 6.0 Guaranteed Limit *55_C to 25_C 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 v85_C 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 v125_C 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 Unit V
II I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II II I I I I I II II I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I I II I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I II I I I I I II II I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIII I II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I III I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I
VIL Maximum Low-Level Input Voltage V VOH Minimum High-Level Output Voltage V |IOUT| v 4.0 mA |IOUT| v 5.2 mA 3.98 5.48 0.1 0.1 0.1 3.84 5.34 0.1 0.1 0.1 3.70 5.20 0.1 0.1 0.1 VOL Maximum Low-Level Output Voltage V |IOUT| v 4.0 mA |IOUT| v 5.2 mA 0.26 0.26 0.33 0.33 0.40 0.40 IIN Maximum Input Leakage Current VIN = VCC or GND $0.1 4 $1.0 40 $1.0 160 mA mA ICC Maximum Quiescent Supply Current (per Package) VIN = VCC or GND IOUT = 0 mA 8. Information on typical parametric values can be found in the ON Semiconductor High-Speed CMOS Data Book (DL129/D).
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol tPLH, tPHL tPLH, tPHL tTLH, tTHL Cin Parameter Maximum Propagation Delay, Select to Output Y (Figures 1 and 3)
VCC V 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 -
Guaranteed Limit *55_C to 25_C 115 23 20 115 23 20 75 15 13 10 v85_C 145 29 25 145 29 25 95 19 16 10 v125_C 175 35 30 175 35 30 110 22 19 10 Unit ns
II I I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I IIIIIIIIIIIIIIIIII IIII I II I I I I I II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIII IIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II II IIII II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I II I I I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
Maximum Propagation Delay, Input A to Output Y (Figures 2 and 3) Maximum Output Transition Time, Any Output (Figures 1 and 3) Maximum Input Capacitance ns ns pF 9. For propagation delays with loads other than 50 pF, and information on typical parametric values, see the ON Semiconductor High-Speed CMOS Data Book (DL129/D). Typical @ 25C, VCC = 5.0 V 55
2f
CPD
Power Dissipation Capacitance (Per Decoder) (Note 10)
pF
10. Used to determine the no-load dynamic power consumption: PD = CPD VCC Semiconductor High-Speed CMOS Data Book (DL129/D).
) I CC V CC . For load considerations, see the ON
http://onsemi.com
4
MC74HC139A
tf 90% 50% SELECT 10% tPHL OUTPUT Y tTHL 90% 50% 10% tTLH tPLH tr VCC GND INPUT A tPLH OUTPUT Y 50% VALID 50% GND tPHL VALID VCC
Figure 3. Switching Waveform
Figure 4. Switching Waveform
TEST POINT OUTPUT DEVICE UNDER TEST CL*
* Includes all probe and jig capacitance
Figure 5. Test Circuit
http://onsemi.com
5
MC74HC139A
PIN DESCRIPTIONS
ADDRESS INPUTS A0a, A1a, A0b, A1b (Pins 2, 3, 14, 13)
inputs. A high level on this input forces all outputs to a high level.
OUTPUTS Y0a - Y3a, Y0b - Y3b (Pins 4 - 7, 12, 11, 10, 9)
Address inputs. These inputs, when the respective 1-of-4 decoder is enabled, determine which of its four active-low outputs is selected.
CONTROL INPUTS Selecta, Selectb (Pins 1, 15)
Active-low select inputs. For a low level on this input, the outputs for that particular decoder follow the Address
Active-low outputs. These outputs assume a low level when addressed and the appropriate Select input is active. These outputs remain high when not addressed or the appropriate Select input is inactive.
SELECT Y0
Y1 A0
Y2
Y3 A1
Figure 6. Expanded Logic Diagram (1/2 of Device)
http://onsemi.com
6
MC74HC139A
PACKAGE DIMENSIONS
PDIP-16 N SUFFIX CASE 648-08 ISSUE T
-A-
16 9
B
1 8
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL.
F S
C
L
-T- H G D
16 PL
SEATING PLANE
K
J TA
M
M
0.25 (0.010)
M
DIM A B C D F G H J K L M S
INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040
MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01
SOIC-16 D SUFFIX CASE 751B-05 ISSUE J
-A-
16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 9.80 10.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019
-B-
1 8
P
8 PL
0.25 (0.010)
M
B
S
G F
K C -T-
SEATING PLANE
R
X 45 _
M D
16 PL M
J
0.25 (0.010)
TB
S
A
S
http://onsemi.com
7
MC74HC139A
PACKAGE DIMENSIONS
TSSOP-16 DT SUFFIX CASE 948F-01 ISSUE A
16X K REF
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
K
16
2X
L/2
9
J1 B -U-
L
PIN 1 IDENT. 1 8
J
N 0.15 (0.006) T U
S
0.25 (0.010) M
A -V- N F DETAIL E
C 0.10 (0.004) -T- SEATING
PLANE
H D G
DETAIL E
http://onsemi.com
8
CCC EEE CCC EEE CCC
K1
SECTION N-N
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH. PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 4.90 5.10 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.18 0.28 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.193 0.200 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.007 0.011 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
-W-
DIM A B C D F G H J J1 K K1 L M
MC74HC139A
PACKAGE DIMENSIONS
SOEIAJ-16 F SUFFIX CASE 966-01 ISSUE O
16
9
LE Q1 E HE M_ L DETAIL P
1
8
Z D e A VIEW P
c
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 0.78 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.031
b 0.13 (0.005)
M
A1 0.10 (0.004)
http://onsemi.com
9
MC74HC139A
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
10
MC74HC139A/D


▲Up To Search▲   

 
Price & Availability of MC74HC139A05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X